Part Number Hot Search : 
2SK2357 LTC1734L MAX1338 MAX1795 MAZ4100 2SD1489 IG0512SA 62L10PF
Product Description
Full Text Search
 

To Download TRML-5101AG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
FEATURES DESCRIPTION
TRML-5101G
1
***********************************************************************************************************************************************************************
TRML-5101G / TRML-5101AG 3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC MULTI-MODE TRANSCEIVER
*********************************************************************************************************************************************************************
l l l l l l l l l l l l l l
Duplex LC Multi-Mode Transceiver ATM Form 622.08Mb/s Physical Layer Compliant SONET OC-12 / SDH STM-4 Compliant Small Form Factor 2X5 pin Package 0 to 1000 m Transmission Distance LVPECL Signal Input / Output LVTTL Transmitter Disable Input LVPECL Signal Detect Output Single +3.3 V Power Supply RoHS Compliant 0 to 70oC Operating : TRML-5101G -40 to 85oC Operating: TRML-5101AG Wave Solderable and Aqueous Washable Class 1 Laser International Safety Standard IEC-60825 Compliant
The TRML-5101G series multi-mode transceivers is small form factor, low power, high performance module for bi-directional serial optical data communications such as SONET OC-12 / SDH STM-4 and Fiber Channel. This module is designed for multi-mode fiber and operates at a nominal wavelength of 1310 nm. The transmitter section uses a multiple quantum well laser and is a class 1 laser compliant according to International Safety Standard IEC-60825. The receiver section uses an integrated InGaAs detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC. A PECL logic interface simplifies interface to external circuitry.
LASER SAFETY
This multi-mode transceiver is a Class 1 laser product. It complies with IEC-60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug.
APPLICATIONS
l ATM 622 Mbps Links l SONET/SDH Equipment Interconnect l Fibre Channel Links
ORDER INFORMATION
P/No. TRML-5101G TRML-5101AG Bit Rate (Mb/s) 622 622 SONET/ SDH Distance Wavelength (m) (nm) 0 to 1000 0 to 1000 1310 1310 Package 2X5 LC 2X5 LC Temp. (oC) 0 to 70 -40 to 85 TX Power RX Sens. RoHS (dBm) (dBm) Compliant -12 to -19 -26 Yes -12 to -19 -26 Yes
Absolute Maximum Ratings
Parameter Storage Temperature Operating Temperature Soldering Temperature Power Supply Voltage Input Voltage Output Current Symbol Tstg Topr --Vcc --Iout Min -40 0 -40 0 GND 0 Max 85 70 85 260 4.5 Vcc 30 Units o C o C
o
Notes TRML-5101G TRML-5101AG 10 seconds on leads only
C V V
mA
Recommended Operating Conditions
Parameter Power Supply Voltage Operating Temperature Data Rate Symbol Vcc Topr Min 3.13 0 -40 100 Typ 3.3 Max 3.47 70 85 Units / Notes V o C / TRML-5101G o C / TRML-5101AG Mb/s
622
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
12/1/2005 V2.0
Optoway
Transmitter Specifications (0 oC < Topr < 70 oC, 3.13V < Vcc < 3. 47V)
Parameter Optical Optical Transmit Power Output Center Wavelength Output Spectrum Width Extinction Ratio Output Eye Optical Rise Time Optical Fall Time Relative Intensity Noise Total Jitter Electrical Power Supply Current Data Input Current - Low Data Input Current - High Differential Input Voltage Data Input Voltage - Low Data Input Voltage -- High Disable Input Voltage -- Low Disable Input Voltage -- High Shut Off Time for TxDis Symbol Min Typ Max Units Po -19 ---12 dBm 1260 1310 1360 nm ----10 nm ER 10 ----dB Compliant with Bellcore GR-253-CORE and ITU recommendation G.957 tr 1.2 ns tf 1.2 ns RIN -116 dB/Hz TJ 0.55 ns Icc IIL IIH VIH - V IL VIL - V CC VIH - V CC VTDIS,L VTDIS,H tDIS 140 -350 350 300 -2.0 -1.1 0 Vcc - 1.3 -1.58 -0.74 0.5 Vcc 1 mA A A mV V V V V ms
TRML-5101G
Notes 1 RMS ()
2
***********************************************************************************************************************************************************************
10% to 90% Values 10% to 90% Values 2 3
4 4 TX Output Enabled TX Ouput Disabled
Notes: 1. Output power is power coupled into a 62.5/125 m MM fiber. 2. Measured with a 223-1 PRBS with 72 ones and 72 zeros. 3. Maximum current is specified at Vcc = Maximum @ maximum temperature. 4. These inputs are compatible with 10K, 10KH and 100K ECL and PECL inputs.
Receiver Specifications (0oC < Topr < 70oC, 3.13V < Vcc <3. 47V)
Parameter Optical Sensitivity Maximum Input Power Signal Detect -- Asserted Signal Detect -- Deasserted Signal detect -- Hysteresis Wavelength of Operation Electrical Power Supply Current Data Output Voltage - Low Data Output Voltage - High Signal Detect Output Voltage -- Low Signal Detect Output Voltage -- High Symbol --Pin Pa Pd Min ---8 ---47 1.0 1100 Typ ----------Max -26 ---26 --1600 100 -1.58 -0.74 -1.58 -0.74 Units dBm dBm dBm dBm dB nm mA V V V V Notes 1 Transition: low to high Transition: high to low
Icc VOL - VCC VOH - VCC VOL - VCC VOH - VCC
-2.0 -1.1 -2.0 -1.1
2 3 3
Notes: 1. Minimum sensitivity and saturation levels at BER=1E-10 for a 223-1 PRBS with 72 ones and 72 zeros. 2. The current excludes the output load current. 3. These outputs are compatible with 10K, 10KH and 100K ECL and PECL outputs.
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
12/1/2005 V2.0
Optoway
CONNECTION DIAGRAM
TRML-5101G
3
***********************************************************************************************************************************************************************
PIN 1 2 3 4 5 6 7 8 9 10 MS
Symbol VEEr VCC r SD RD- RD+ VCC t VEEt TDis TD+ TDMS
Notes Directly connect this pin to the receiver ground plane +3.3V dc power for the receiver section Active high on this indicates a received optical signal. Receiver Dataout Bar. See recommended circuit schematic Receiver Dataout. See recommended circuit schematic +3.3V dc power for the transmitter section Directly connect this plan to the transmitter ground plane Transmitter Disable. Connect this pin to +3.3V TTL logic "1" to disable module To enable module connect to TTL logic low "0" Transmitter Data In. See recommended circuit schematic Transmitter Data In Bar. See recommended circuit schematic Mounting Studs. Connect to Chassis Ground
RECOMMENDED CIRCUIT SCHEMATIC
Vcc3.3V
MICROSTRIP1 Z=50R MICROSTRIP2 Z=5OR 150ohm
TDis(LVTTL)
TDLVPECL TD+
150ohm
10 9 8 7 6
1uH
Vcc3.3V
TDTD+ TDis Veet Vcct
10nF
10uF 1uH
10nF 10uF PHY DEVICE Vcc3.3V Vcc3.3V
SFF2X5 1 2 3 4 5 10nF 10uF
Veer Vccr SD RDRD+
130R
RD+
Vcc3.3V
MICROSTRIP3 Z=50R MICROSTRIP4 Z=5OR
SD
82R 130R
RD-
LVPECL
TO LVPECL STAGE 82R
1K
Note: 1. 1000SD Output pull-down resistor required for TRML-5101G/ TRML-5101AG (LVPECL SD Output) 2. Veer and Veet are not internally connected to each other. 3. 50 line pattern and component placements on TD+/TD- and RD+/RD- lines shall be symmetrical for better impedance matching.
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
12/1/2005 V2.0
Optoway
PACKAGE DIAGRAM
Units in mm
TRML-5101G
4
***********************************************************************************************************************************************************************
TRML-5101G / TRML-5101AG
Note: Specifications subject to change without notice.
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
12/1/2005 V2.0


▲Up To Search▲   

 
Price & Availability of TRML-5101AG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X